Part Number Hot Search : 
FRK9150H 2SK2328 MIC5268 6M321VT 300R1 WF050B IRG4BC30 SI2337DS
Product Description
Full Text Search
 

To Download EPC3492G-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25W PoE Flyback Transformer
ELECTRONICS INC.
EPC3492G & EPC3492G-LF
* Designed to work with Linear Tech LTC4278 * Bobbin : UL94V-0 Recognized Materials * Storage Temperature : -40C to +125C * Operating Temperature : 0C to +70C * Class 130C Insulation System * Duty Cycle : 62% Max. * Switching Frequency : 250kHz * Add "-LF" after part for Lead Free
Electrical Parameters @ 25 C
Inductance (H 5%) @ 100 KHz, 1.0 Vrms 9.0 Pri. 13.5 Pri.
DCR (m Typ.)
Turns Ratio
Cw-w (pF Typ.) @ 100 KHz, 1.0 Vrms
Leakage Inductance (H Max.) @ 100 KHz, 1.0 Vrms 0.10 Pri. w/ Aux. and Sec. shorted
Dielectric Rating (Vrms)
280 Aux.
50 Sec.
1:1.75 Pri.:Sec.
1:0.75 Pri.:Aux.
70 Pri. to Aux. and Sec.
1500 Wdg. - Wdg. Wdgs. - Core
Package
1 1 12 0.830 (21.08) 6 7 Pri. 10V to 57V 2 3 4 Aux. 10V (30mA) 0.004 (0.10) 1.128 (28.65) 0.875 (22.23) 6 7 5 6
Schematic
12 11 Sec. 24V (1A) 8 7
0.440 Max. (11.18)
0.079 (2.01) 0.028 (0.71) 0.150 (3.81) 0.866 (22.0) 0.080 (2.03)
PCB Layout (Top View) 0.118 (3.00) 1
Notes : 1. Lead Finish 2. Peak Solder Rating
(for wave solder process Only)
0.118 (3.00)
Component Outline 1.20 x 0.840 (30.48 x 21.34)
12
EPC3492G SnPb 225C 13.5 grams (Tube) 25 pcs / tube EPC3492G-LF Hot Tin Dip (Sn) or SnCu 260C 13.5 grams 25 pcs / tube
3. Weight 4. Packaging Information
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3492G & -LF Rev. 11-13-09 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3492G-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X